データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3464AMH データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3464AMH
部品情報  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464AMH データシート(HTML) 4 Page - National Semiconductor (TI)

  LM3464AMH Datasheet HTML 1Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 2Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 3Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 4Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 5Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 6Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 7Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 8Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin
Name
Description
Application Information
20
SE4
Channel 4 sense input
Connect to an external sense resistor to define the Channel 4
LED current.
21
GD4
Channel 4 gate driver output
Connect to the gate of external NMOS to control the channel
4 LED current.
22
PGND
Power Ground
Ground for power circuitry. Reference point for all stated
voltages. Must be externally connected to EP and AGND
23
GD3
Channel 3 gate driver output
Connect to the gate of external NMOS to control the channel
3 LED current.
24
SE3
Channel 3 sense input
Connect to an external sense resistor to define the Channel 3
LED current.
25
GD2
Channel 2 gate driver output
Connect to the gate of external NMOS to control the channel
2 LED current.
26
SE2
Channel 2 sense input
Connect to an external sense resistor to define the Channel 2
LED current.
27
GD1
Channel 1 gate driver output
Connect to the gate of external NMOS to control the channel
1 LED current.
28
SE1
Channel 1 sense input
Connect to an external sense resistor to define the Channel 1
LED current.
EP
EP
Thermal Pad (Power Ground)
Used to dissipate heat from the package during operation.
Must be electrically connected to PGND external to the
package.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22