データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L15 データシート(PDF) 30 Page - STMicroelectronics

部品番号 STM8L15
部品情報  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L15 データシート(HTML) 30 Page - STMicroelectronics

Back Button STM8L15 Datasheet HTML 26Page - STMicroelectronics STM8L15 Datasheet HTML 27Page - STMicroelectronics STM8L15 Datasheet HTML 28Page - STMicroelectronics STM8L15 Datasheet HTML 29Page - STMicroelectronics STM8L15 Datasheet HTML 30Page - STMicroelectronics STM8L15 Datasheet HTML 31Page - STMicroelectronics STM8L15 Datasheet HTML 32Page - STMicroelectronics STM8L15 Datasheet HTML 33Page - STMicroelectronics STM8L15 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 122 page
background image
Pin description
STM8L151xx, STM8L152xx
30/122
Doc ID 15962 Rev 5
31 20 19 E1
PB7/[SPI1_MISO](3)/
LCD_SEG17(2)/
ADC1_IN11/COMP1_INP
I/O
X
XX
HS
X
X Port B7
[SPI1 master in- slave
out] /
LCD segment 17 /
ADC1_IN11 /
Comparator 1 positive
input
37 25 21 B1 PC0(4)/I2C1_SDA
I/O FT
X
XT(6)
Port C0
I2C1 data
38 26 22 A1 PC1(4)/I2C1_SCL
I/O FT
X
XT(6)
Port C1
I2C1 clock
41 27 23 B2
PC2/[USART1_RX](3)/
LCD_SEG22/ADC1_IN6/
COMP1_INP/VREF_OUT
I/O
X
XX
HS
X
X Port C2
[USART1 receive] /
LCD segment 22 /
ADC1_IN6 / Comparator
1 positive input / Voltage
reference output
42 28 24 A2
PC3/[USART1_TX](3)/
LCD_SEG23(2)/
ADC1_IN5/COMP1_INP/
COMP2_INM
I/O
X
XX
HS
X
X Port C3
[USART1 transmit] /
LCD segment 23 /
ADC1_IN5 / Comparator
1 positive input /
Comparator 2 negative
input
43 29 25 C2
PC4/[USART1_CK](3)/
I2C1_SMB/CCO/
LCD_SEG24(2)/
ADC1_IN4/COMP2_INM/
COMP1_INP
I/O
X
XX
HS
X
X Port C4
[USART1 synchronous
clock] / I2C1_SMB /
Configurable clock
output / LCD segment 24
/ ADC1_IN4 /
Comparator 2 negative
input / Comparator 1
positive input
44 30 26 A3
PC5/OSC32_IN
/[SPI1_NSS](3)/
[USART1_TX](3)
I/O
X
XX
HS
X
X Port C5
LSE oscillator input /
[SPI1 master/slave
select] / [USART1
transmit]
45 31 27 B3
PC6/OSC32_OUT/
[SPI1_SCK](3)/
[USART1_RX](3)
I/O
X
XX
HS
X
X Port C6
LSE oscillator output /
[SPI1 clock] / [USART1
receive]
Table 5.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More