| データシートサーチシステム |
|
STM8L152C4Y3 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4Y3 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 122 page ![]() Pin description STM8L151xx, STM8L152xx 30/122 Doc ID 15962 Rev 5 31 20 19 E1 PB7/[SPI1_MISO](3)/ LCD_SEG17(2)/ ADC1_IN11/COMP1_INP I/O X XX HS X X Port B7 [SPI1 master in- slave out] / LCD segment 17 / ADC1_IN11 / Comparator 1 positive input 37 25 21 B1 PC0(4)/I2C1_SDA I/O FT X XT(6) Port C0 I2C1 data 38 26 22 A1 PC1(4)/I2C1_SCL I/O FT X XT(6) Port C1 I2C1 clock 41 27 23 B2 PC2/[USART1_RX](3)/ LCD_SEG22/ADC1_IN6/ COMP1_INP/VREF_OUT I/O X XX HS X X Port C2 [USART1 receive] / LCD segment 22 / ADC1_IN6 / Comparator 1 positive input / Voltage reference output 42 28 24 A2 PC3/[USART1_TX](3)/ LCD_SEG23(2)/ ADC1_IN5/COMP1_INP/ COMP2_INM I/O X XX HS X X Port C3 [USART1 transmit] / LCD segment 23 / ADC1_IN5 / Comparator 1 positive input / Comparator 2 negative input 43 29 25 C2 PC4/[USART1_CK](3)/ I2C1_SMB/CCO/ LCD_SEG24(2)/ ADC1_IN4/COMP2_INM/ COMP1_INP I/O X XX HS X X Port C4 [USART1 synchronous clock] / I2C1_SMB / Configurable clock output / LCD segment 24 / ADC1_IN4 / Comparator 2 negative input / Comparator 1 positive input 44 30 26 A3 PC5/OSC32_IN /[SPI1_NSS](3)/ [USART1_TX](3) I/O X XX HS X X Port C5 LSE oscillator input / [SPI1 master/slave select] / [USART1 transmit] 45 31 27 B3 PC6/OSC32_OUT/ [SPI1_SCK](3)/ [USART1_RX](3) I/O X XX HS X X Port C6 LSE oscillator output / [SPI1 clock] / [USART1 receive] Table 5. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |