| データシートサーチシステム |
|
STM8L151C4T6 データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C4T6 データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 122 page ![]() STM8L151xx, STM8L152xx Pin description Doc ID 15962 Rev 5 25/122 Figure 5. STM8L151Kx 32-pin package pinout (without LCD) 1. Example given for the UFQFPN32 package. The pinout is the same for the LQFP32 package. Figure 6. STM8L152Kx 32-pin package pinout (with LCD) 1. Example given for the UFQFPN32 package. The pinout is the same for the LQFP32 package. Figure 7. STM8L151Cx 48-pin pinout (without LCD) 1. Reserved. Must be tied to VDD. 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 PA5 VSS1/VSSA/VREF- NRST/PA1 PA2 PA3 PA4 PA6 PA7 VDD1 VDDA VREF+ PB1 PB2 PB3 PB4 PB5 PB6 PB7 PF0 PD4 PD5 PD6 PD7 PA0 |