データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L101F2P3A データシート(PDF) 35 Page - STMicroelectronics

部品番号 STM8L101F2P3A
部品情報  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2P3A データシート(HTML) 35 Page - STMicroelectronics

Back Button STM8L101F2P3A Datasheet HTML 31Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 32Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 33Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 34Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 35Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 36Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 37Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 38Page - STMicroelectronics STM8L101F2P3A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
STM8L101xx
Option bytes
Doc ID 15275 Rev 11
35/81
Caution:
After a device reset, read access to the program memory is not guaranteed if address
0x4807 is not programmed to 0x00.
OPT3
DATASIZE[7:0] Size of the data EEPROM area
0x00: no data EEPROM area (1)
0x01: 1 page reserved for data storage from 0x9FC0 to 0x9FFF(1)
0x02: 2 pages reserved for data storage from 0x9F80 to 0x9FFF(1)
... (1)
0x20: 32 pages reserved for data storage from 0x9800 to 0x9FFF(1)
Refer to Data EEPROM (DATA) section in the STM8L reference manual
(RM0013) for more details.
OPT4
IWDG_HW: Independent watchdog
0: Independent watchdog activated by software
1: Independent watchdog activated by hardware
IWDG_HALT: Independent window watchdog reset on Halt/Active-halt
0: Independent watchdog continues running in Halt/Active-halt mode
1: Independent watchdog stopped in Halt/Active-halt mode
1.
0x00 is the only allowed value for 4 Kbyte STM8L101xx devices.
Table 11.
Option byte description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81