データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DCP52 データシート(PDF) 3 Page - Diodes Incorporated

部品番号 DCP52
部品情報  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP52 データシート(HTML) 3 Page - Diodes Incorporated

  DCP52 Datasheet HTML 1Page - Diodes Incorporated DCP52 Datasheet HTML 2Page - Diodes Incorporated DCP52 Datasheet HTML 3Page - Diodes Incorporated DCP52 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
20
40
60
80
100
120
140
160
010
20
30
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
40
Ordering Information (Note 6)
Part Number
Case
Packaging
DCP52-13
SOT-223
2500 / Tape & Reel
DCP52-16-13
SOT-223
2500 / Tape & Reel
Note:
6. For packaging details, please visit our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
YWW
(Top View)
= Manufacturer’s code marking
XXX = Product type marking code Ex:
P16 = DCP52
P16-16 = DCP52-16
YWW = Date code marking
Y = Last digit of year ex: 7 = 2007
WW = Week code 01 - 52
Package Outline Dimensions
SOT-223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
—
—
4.60
e1
—
—
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
DS30708 Rev. 6 - 2
3 of 4
www.diodes.com
DCP52/-16
© Diodes Incorporated



Html Pages

1 2 3 4