データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DNLS350E データシート(PDF) 4 Page - Diodes Incorporated

部品番号 DNLS350E
部品情報  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNLS350E データシート(HTML) 4 Page - Diodes Incorporated

  DNLS350E Datasheet HTML 1Page - Diodes Incorporated DNLS350E Datasheet HTML 2Page - Diodes Incorporated DNLS350E Datasheet HTML 3Page - Diodes Incorporated DNLS350E Datasheet HTML 4Page - Diodes Incorporated DNLS350E Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DNLS350E
Document number: DS31231 Rev. 3 - 2
4 of 5
www.diodes.com
April 2009
© Diodes Incorporated
DNLS350E
Ordering Information (Note 6)
Part Number
Case
Packaging
DNLS350E-13
SOT-223
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SOT-223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
—
—
4.60
e1
—
—
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions
Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
N35 = Product Type Marking Code
YWW = Date Code Marking
Y = Last digit of year (ex: 7 = 2007)
WW = Week code 01 - 52
N35
YWW
A1
A
X2
C1
C2
X1
Y2
Y1



Html Pages

1 2 3 4 5