データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBR10100CTP データシート(PDF) 2 Page - Diodes Incorporated

部品番号 MBR10100CTP
部品情報  10A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10100CTP データシート(HTML) 2 Page - Diodes Incorporated

  MBR10100CTP Datasheet HTML 1Page - Diodes Incorporated MBR10100CTP Datasheet HTML 2Page - Diodes Incorporated MBR10100CTP Datasheet HTML 3Page - Diodes Incorporated MBR10100CTP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR10100
Document number: DS31412 Rev. 9 - 2
2 of 4
www.diodes.com
December 2010
© Diodes Incorporated
MBR10100CTP
Maximum Ratings (Per Leg) @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
100
V
Average Rectified Output Current
(Per Leg)
(Total)
IO
5
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
100
A
Isolation Voltage
From Terminal Heatsink t = 1 min.
VAC
2000
V
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Case
RθJC
3
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics (Per Leg) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
0.79
0.65
0.85
0.75
V
IF = 5A, TJ = 25ºC
IF = 5A, TJ = 125ºC
Leakage Current (Note 2)
IR
-
-
0.1
15
mA
VR = 100V, TJ = 25ºC
VR = 100V, TJ = 125ºC
Notes:
2. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Typical Forward Characteristics
0.01
0.1
1
10
100
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0
200
400
600
800
1,000 1,200 1,400
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.01
0.1
1
10
100
1,000
10,000
020
40
60
80
100
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4