データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1B データシート(PDF) 1 Page - Diotech Company.

部品番号 ES1B
部品情報  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTECH [Diotech Company.]
ホームページ  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ES1B データシート(HTML) 1 Page - Diotech Company.

  ES1B Datasheet HTML 1Page - Diotech Company. ES1B Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A THRU ES1J
SURFACE MOUNT SUPER FAST RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight : 0.064 grams (approx.)
●
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
●
For surface mounted applications
●
Super fast switching for high efficiency
●
Low reverse leakage
●
Built-in strain relief,ideal for automated placement
●
High forward surge current capability
●
High temperature soldering guaranteed:
250℃/10 seconds at terminals
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic
Symbol
ES1A
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TC = 100°C
IO
1.0
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5.0
500
µA
Reverse Recovery Time (Note 1)
trr
nS
Typical Junction Capacitance (Note 2)
Cj
10
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ES1B
ES1C
ES1D
ES1E
ES1G
ES1J
A
35
SMA(DO-214AC)
.055(1.40)
.062(1.60)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


同様の部品番号 - ES1B

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
ES1B PANJIT-ES1B Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1B PHILIPS-ES1B Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1B PHILIPS-ES1B Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1B SURGE-ES1B Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1B TRSYS-ES1B Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

同様の説明 - ES1B

メーカー部品番号データシート部品情報
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com