データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XMEGAA データシート(PDF) 21 Page - ATMEL Corporation

部品番号 XMEGAA
部品情報  Interrupts and Programmable Multi-level Interrupt Controller
PDF  445 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAA データシート(HTML) 21 Page - ATMEL Corporation

Back Button XMEGAA_09 Datasheet HTML 17Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 18Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 19Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 20Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 21Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 22Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 23Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 24Page - ATMEL Corporation XMEGAA_09 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 445 page
background image
21
8077H–AVR–12/09
XMEGA A
The Lock bits are used to set protection level on the different flash sections. They are used to
block read and/or write access of the code. Lock bits can be written from en external program-
mer and from the application software to set a more strict protection level, but not to set a less
strict protection level. Chip erase is the only way to erase the lock bits. The lock bits are erased
after the rest of the flash memory is erased.
An unprogrammed fuse or lock bit will have the value one, while a programmed flash or lock bit
will have the value zero.
Both fuses and lock bits are reprogrammable like the Flash Program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More