データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMN2040LTS データシート(PDF) 2 Page - Diodes Incorporated

部品番号 DMN2040LTS
部品情報  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2040LTS データシート(HTML) 2 Page - Diodes Incorporated

  DMN2040LTS Datasheet HTML 1Page - Diodes Incorporated DMN2040LTS Datasheet HTML 2Page - Diodes Incorporated DMN2040LTS Datasheet HTML 3Page - Diodes Incorporated DMN2040LTS Datasheet HTML 4Page - Diodes Incorporated DMN2040LTS Datasheet HTML 5Page - Diodes Incorporated DMN2040LTS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2040LTS
Document number: DS31941 Rev. 2 - 2
2 of 6
www.diodes.com
October 2009
© Diodes Incorporated
DMN2040LTS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.5
-
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
19
26
26
36
m
Ω
VGS = 4.5V, ID = 6.0A
VGS = 2.5V, ID = 5.2A
Forward Transfer Admittance
|Yfs|
-
8
-
S
VDS = 10V, ID = 6A
Diodes Forward Voltage
VSD
-
0.7
1.2
V
Is = 1.7A, VGS = 0V
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
-
570
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
85
-
pF
Reverse Transfer Capacitance
Crss
-
75
-
pF
Gate Resistance
Rg
-
1.23
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS (Note 6)
Total Gate Charge
Qg
-
5.2
-
nC
VGS = 4.5V, VDS = 10V,
ID = 7A
Gate-Source Charge
Qgs
-
0.86
-
nC
Gate-Drain Charge
Qgd
-
1.25
-
nC
Turn-On Delay Time
tD(on)
-
5.2
-
ns
VDD = 10V, VGS = 4.5V,
RL = 1.5Ω, RG = 1Ω
Turn-On Rise Time
tr
-
13.5
-
ns
Turn-Off Delay Time
tD(off)
-
19.8
-
ns
Turn-Off Fall Time
tf
-
6.1
-
ns
Notes:
5. Short duration pulse test used to minimize self-heating effects.
6. Guaranteed by design. Not subject to production testing.
0
5
10
15
20
01
2
3
4
5
Fig. 1 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 1.5V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 10.0V
GS
0
4
8
12
16
20
01
2
3
4
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
V
= 5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com