データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMF05LCFLP データシート(PDF) 3 Page - Diodes Incorporated

部品番号 DMF05LCFLP
部品情報  FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMF05LCFLP データシート(HTML) 3 Page - Diodes Incorporated

  DMF05LCFLP Datasheet HTML 1Page - Diodes Incorporated DMF05LCFLP Datasheet HTML 2Page - Diodes Incorporated DMF05LCFLP Datasheet HTML 3Page - Diodes Incorporated DMF05LCFLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMF05LCFLP
Document number: DS32004 Rev. 3 - 2
3 of 4
www.diodes.com
July 2010
© Diodes Incorporated
DMF05LCFLP
Package Outline Dimensions
Suggested Pad Layout
DFN1616-6
Dim
Min
Max
Typ
A
0.545 0.605 0.575
A1
0
0.05
0.02
A3
⎯
⎯
0.13
b
0.20
0.30
0.25
D
1.55
1.675
1.60
D2
1.10
1.30
1.20
E
1.55
1.675
1.60
e
⎯
⎯
0.50
E2
0.30
0.50
0.40
L
0.275 0.375 0.325
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.3
G
0.175
X1
0.50
X2
0.525
Y
0.30
C
0.50
D
A1
A
A3
E2
e
b
L
E
D2
X1
G
X2
Z
C
Y



Html Pages

1 2 3 4