データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAV3004W データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BAV3004W
部品情報  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV3004W データシート(HTML) 1 Page - Pan Jit International Inc.

  BAV3004W Datasheet HTML 1Page - Pan Jit International Inc. BAV3004W Datasheet HTML 2Page - Pan Jit International Inc. BAV3004W Datasheet HTML 3Page - Pan Jit International Inc. BAV3004W Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0.1-FEB.12.2009
BAV3004W
SOD-123
Unit:inch(mm)
.154(3.90)
.110(2.8)
.141(3.60)
.098(2.5)
.005(.12)MAX
.016(.40)MIN
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
VOLTAGE
350 Volts
410 mWatts
FEATURES
• Fast Switching Speed
• Surface Mount Package ldeally Suited for Automatic Insertion
• High Conductance
• High Reverse Breakdown Voltage Rating
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOD-123, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0102 grams
Marking: 34W
POWER
MAXIMUM RATINGS(TA=25oC,unless otherwise specified)
Notes : 1. Part mounted on FR-4 board with recommended pad layout.
C
I
T
S
I
R
E
T
C
A
R
A
H
CL
O
B
M
Y
SE
U
L
A
VT
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV M
R
R
0
5
3V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
S
M
RV
)
S
M
R
(
R
0
4
2V
)
1
e
t
o
N
(
t
n
e
r
r
u
C
s
u
o
u
n
i
t
n
o
C
d
r
a
w
r
o
FIF
0
0
2A
m
0
.
1
=
t
@
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
R
-
n
o
N
µs
s
0
.
1
=
t
@
I M
S
F
0
.
4
0
.
1
A
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
Pd
P0
1
4W
m
)
1
e
t
o
N
(
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TRΘ A
J
0
0
5
o
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
i
t
a
r
e
p
OT ,JT G
T
S
0
5
1
+
o
t
5
6
-
oC


同様の部品番号 - BAV3004W

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAV3004W DIODES-BAV3004W Datasheet
61Kb / 2P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 1 - 2
BAV3004W DIODES-BAV3004W Datasheet
83Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 9 - 2
BAV3004W DIODES-BAV3004W Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
logo
Microdiode Semiconducto...
BAV3004W CHENDA-BAV3004W Datasheet
379Kb / 3P
Surface mount low leakage diode
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W Datasheet
204Kb / 3P
Surface mount low leakage diode
More results

同様の説明 - BAV3004W

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com