データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAW101S データシート(PDF) 3 Page - Diodes Incorporated

部品番号 BAW101S
部品情報  HIGH VOLTAGE DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW101S データシート(HTML) 3 Page - Diodes Incorporated

  BAW101S Datasheet HTML 1Page - Diodes Incorporated BAW101S Datasheet HTML 2Page - Diodes Incorporated BAW101S Datasheet HTML 3Page - Diodes Incorporated BAW101S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAW101S
Document number: DS32177 Rev. 4 - 2
3 of 4
www.diodes.com
July 2010
© Diodes Incorporated
BAW101S
Package Outline Dimensions
Suggested Pad Layout
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Typ
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
0°
8°
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C1
1.9
C2
0.65
A
M
J
L
D
B C
H
K
F
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4