| データシートサーチシステム |
|
STTS751-0WB3F データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS751-0WB3F データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 36 page ![]() Package mechanical data STTS751 32/36 Doc ID 16483 Rev 5 Figure 13. Carrier tape for UDFN-6L and SOT23-6L packages T K0 P1 A0 B0 P2 P0 CENTER LINES OF CAVITY W E F D TOP COVER TAPE USER DIRECTION OF FEED AM03073v1 Table 32. Carrier tape dimensions for UDFN-6L and SOT23-6L packages Package W D E P0 P2 FA0 B0 K0 P1 TUnit UDFN-6L 8.00 ±0.30 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.05 3.50 ±0.05 2.20 ±0.10 2.20 ±0.10 0.75 ±0.10 4.00 ±0.10 0.25 ±0.05 mm SOT23-6L 8.00 +0.30/ –0.10 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 3.50 ±0.05 3.23 ±0.10 3.17 ±0.10 1.37 ±0.10 4.00 ±0.10 0.254 ±0.013 mm |