データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTS751-1WB3F データシート(PDF) 22 Page - STMicroelectronics

部品番号 STTS751-1WB3F
部品情報  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-1WB3F データシート(HTML) 22 Page - STMicroelectronics

Back Button STTS751-1WB3F Datasheet HTML 18Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 19Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 20Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 21Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 22Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 23Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 24Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 25Page - STMicroelectronics STTS751-1WB3F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
EVENT output
STTS751
22/36
Doc ID 16483 Rev 5
5
EVENT output
The STTS751 EVENT output is open drain and requires a pull-up resistor.
The EVENT pin is asserted (low) whenever the temperature exceeds the high limit or is
equal to or below the low limit. Once asserted, the output will remain asserted until the
STTS751 receives an SMBus Alert Response Address (ARA) from the host and
acknowledges with its slave address. The output will be deasserted when the ARA is
acknowledged. If the triggering condition is still true, the output will be reasserted at the next
temperature conversion.
Figure 6 below shows how the EVENT output functions.
Figure 6.
EVENT output
AM03032v1
Temperature
Time
EVENT
SMBus ARA acknowledged
Temperature high limit
Temperature low limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36