データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P6SMB データシート(PDF) 4 Page - Pan Jit International Inc.

部品番号 P6SMB
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMB データシート(HTML) 4 Page - Pan Jit International Inc.

  P6SMB_09 Datasheet HTML 1Page - Pan Jit International Inc. P6SMB_09 Datasheet HTML 2Page - Pan Jit International Inc. P6SMB_09 Datasheet HTML 3Page - Pan Jit International Inc. P6SMB_09 Datasheet HTML 4Page - Pan Jit International Inc. P6SMB_09 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
STAD-APR.21.2009
1
P6SMB SERIES
Fig.1 PEAK PULSE POWER RATING CURVE
Fig.2 DERATING CURVE
Fig.3 PULSE WAVEFORM
Fig.5 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.4 TYPICAL CAPACITANCE
td,PULSE WIDTH, micro sec
T,TIME,ms
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
Mounted on 5.0mm
Copper Land Areas
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Ha lf Va lue -Ip p
2
e-kt
td
T= 25 C
Pulse Width (td) is Defined
as the Point where the Peak
Current Decayst to 50% of Ipp
A
O
tf = 10usec
Peak Value
Ippm
1.0
2.0
5.0
10
20
50 100
200
Me a sure d a t
Ze ro Bia s
Me a sure d a t
Sta nd -Off
Vo lta Ge (V
)
RWM
Tj= 25 C
f= 1.0MHZ
Vsig = 50mVp -p
100
20
40
60
80
200
400
600
800
1,000
2,000
4,000
6,000
10
200
100
50
10
1
5
10
50
100
T= Tm a x
8.3m sSing leHa lfSine -Wa ve
JEDEC M e tho d
JJ
V(BR), BREAKDOWN VOLTAGE, VOLTS
Unidirectional
Bidirectional



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com