データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1981V データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LB1981V
部品情報  Three-Phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1981V データシート(HTML) 3 Page - Sanyo Semicon Device

  LB1981V Datasheet HTML 1Page - Sanyo Semicon Device LB1981V Datasheet HTML 2Page - Sanyo Semicon Device LB1981V Datasheet HTML 3Page - Sanyo Semicon Device LB1981V Datasheet HTML 4Page - Sanyo Semicon Device LB1981V Datasheet HTML 5Page - Sanyo Semicon Device LB1981V Datasheet HTML 6Page - Sanyo Semicon Device LB1981V Datasheet HTML 7Page - Sanyo Semicon Device LB1981V Datasheet HTML 8Page - Sanyo Semicon Device LB1981V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LB1981V
No. 5917-3/9
Pin Assignment
1
UOUT
30 RF
2
VOUT
29 WOUT
3
STBY
28 COM
4
SELCSLP
27 VIN
5
FRC
26 UIN
6
VS
25 WIN
7
VCC2
24 GND
8
VCC1
23 BFGO
9
CSLP1
22 FC2
10
CSLP2
21 FILTER
11
PGOUT
20 FC1
12
PGC
19 OSC
13
PGIN
18 FGOUT
14
VREF
17 FGIN2
15
FGIN
16 FGIN1
LB1981V
Top view
A10857
Pd max - Ta
0.1
0.2
0.3
0.6
0.5
0.4
020
40
60
80
100
0
–20
Ambient temperature, Ta – ˚C



Html Pages

1 2 3 4 5 6 7 8 9