| データシートサーチシステム |
|
MPC5673F データシート(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673F データシート(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 132 page ![]() MPC5674F Microcontroller Data Sheet, Rev. 6 Ordering Information Freescale Semiconductor 4 1.2 MPC567xF Family Differences Table 2 lists the differences between the MPC567xF devices. Refer to the MPC5674F Reference Manual for a full feature list and comparison. Table 2. MPC567xF Family Differences Feature MPC5674F MPC5674F MPC5673F MPC5673F Package 416 BGA 516 BGA 324 BGA 416 BGA 516 BGA 324 BGA Flash 4 MB 4 MB 3 MB 3 MB SRAM 256 KB 256 KB 192 KB 192 KB External bus Yes (516 BGA only) No Yes (516 BGA only) No Serial 3 2 3 2 eSCI_A Yes Yes Yes Yes eSCI_B Yes Yes Yes Yes eSCI_C Yes No Yes No SPI 4 3 4 3 DSPI_A Yes No Yes No DSPI_B Yes Yes Yes Yes DSPI_C Yes Yes Yes Yes DSPI_D Yes Yes Yes Yes eMIOS 32 channel 22 channel 32 channel 22 channel eTPU2 64 channel 47 channel 64 channel 47 channel eTPU_A Yes (32 ch) Yes (26 ch) Yes Yes (26 ch) eTPU_B Yes (32 ch) Yes (21 ch, no TCRCLK) Yes Yes (21 ch, no TCRCLK) ADC 64 channel 48 channel 64 channel 48 channel eQADC_A Yes (64 ch)1 1 There are are two pairs of 24 channels plus 16 shared channels. This gives 64 channels total: 40 per ADC (since 16 are shared). Yes (24 ch) Yes (64 ch)1 Yes (24 ch) eQADC_B Yes (24 ch) Yes (24 ch) |