データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZXSC420 データシート(PDF) 11 Page - Diodes Incorporated

部品番号 ZXSC420
部品情報  VOLTAGE MODE BOOST CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC420 データシート(HTML) 11 Page - Diodes Incorporated

Back Button ZXSC420 Datasheet HTML 4Page - Diodes Incorporated ZXSC420 Datasheet HTML 5Page - Diodes Incorporated ZXSC420 Datasheet HTML 6Page - Diodes Incorporated ZXSC420 Datasheet HTML 7Page - Diodes Incorporated ZXSC420 Datasheet HTML 8Page - Diodes Incorporated ZXSC420 Datasheet HTML 9Page - Diodes Incorporated ZXSC420 Datasheet HTML 10Page - Diodes Incorporated ZXSC420 Datasheet HTML 11Page - Diodes Incorporated ZXSC420 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ZXSC410
ZXSC420
SEMICO NDUC TORS
ISSUE 2 - May 2003
11
Sequencing AVDD and VON
By adding the circuit below to the LCD bias output (VON)of
the converter a 10ms delay can be achieved between
AVDD power up and VON power up. The circuit operates by
a delay in turning the PMOS transistor on, which transfers
to a 10ms delay between input and output of the circuit.
The delay is set by the RC time constant of R1 and C1.
The diode, D1, discharges the gate of the PMOS when
the main system supply is turned off, guaranteeing a
delay every turn on cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12