データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72714W データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC72714W
部品情報  Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72714W データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72714W Datasheet HTML 2Page - Sanyo Semicon Device LC72714W Datasheet HTML 3Page - Sanyo Semicon Device LC72714W Datasheet HTML 4Page - Sanyo Semicon Device LC72714W Datasheet HTML 5Page - Sanyo Semicon Device LC72714W Datasheet HTML 6Page - Sanyo Semicon Device LC72714W Datasheet HTML 7Page - Sanyo Semicon Device LC72714W Datasheet HTML 8Page - Sanyo Semicon Device LC72714W Datasheet HTML 9Page - Sanyo Semicon Device LC72714W Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
No. 6871-6/29
LC72714W
Continued from preceding page.
Pin No.
Pin
Function
I/O
Pin circuit
Subcarrier input (comparator input)
56
CIN
Vref
+
Input
Reference voltage output (Vdda/2)
52
VREF
Vssa
Vdda
Output
CCB serial interface data output
36
DO
Output
This pin must be left open
37
50
57
NC
Analog system power supply
Analog system ground
Digital system power supply (+2.7 V to +3.6 V)
Digital system ground
54
51
2, 15, 34
14, 35, 63
VDDA
VSSA
VDDD
VSSD
Notes: 1. This pin must be connected to VDDD or VSSD if the IC is used in serial interface mode (when SP is high).
2. A capacitor of at least 2000 pF must be inserted between VDDD and VSSD.
3. When used in the SP = high mode (as set by the serial interface), the D0 to D7 data bus lines must be connected to either VDDD or VSSD.
Control Registers
This IC includes both registers that can be read and registers that can be written. These registers can be accessed using
either the serial interface (CCB) or the parallel interface. The SP pin switches between these interfaces.
The initial values of the write registers are the data loaded into internal registers when a reset signal (RST) is received.
These values are recommended values that do not need to be changed during normal operation.
If the parallel interface is used, applications must hold the address fixed at 00H when reading out data to which error
correction has been applied. If the CCB interface is used, the application needs only to specify the CCB address (#FB).
The address 00H is an invalid address for writing.
The addresses other than those specified below are control addresses particular to the IC. Applications must not specify
those addresses.
Address
Register
Function
R/W
Address
Register
Function
R/W
1
BIC
Number of allowable BIC errors
W
1
STAT
Status register
R
2
SYNCB
Block synchronization: error protection count
W
2
BLNO
Block number register
R
3
SYNCF
Frame synchronization: error protection count
W
4
CTL1
Control register 1
W
5
CTL2
Control register 2
W
6
CRC4
Layer 4 CRC register
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com