| データシートサーチシステム |
|
LC74788 データシート(PDF) 20 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LC74788 データシート(HTML) 20 Page - Sanyo Semicon Device |
|
20 / 23 page ![]() Display Screen Structure The display consists of 12 lines of 24 characters. Up to 288 characters can be displayed. The number of characters that can be displayed is reduced when enlarged characters are displayed. Display memory addresses are specified as row (0 to 11 decimal) and column (0 to 23 decimal) addresses. Display Screen Structure (display memory addresses) No. 5731-20/23 LC74788, 74788M, 74788JM 24 Characters 12 Rows A08691 |