| データシートサーチシステム |
|
SX8124ISTRT データシート(PDF) 3 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8124ISTRT データシート(HTML) 3 Page - Semtech Corporation |
|
3 / 23 page ![]() www.semtech.com/products/ Page 3 ADVANCED COMMUNICATIONS & SENSING DATASHEET SX8124 24 hours timer synchronized on 50/60Hz mains ACS - Revision 2.4 October 2010 © Semtech Corp. ELECTRICAL SPECIFICATION 1 Absolute Maximum Ratings Note The Absolute Maximum Ratings, in table below, are stress ratings only. Functional operation of the device at conditions other than those indicated in the Operating Conditions sections of this specification is not implied. Exposure to the absolute maximum ratings, where different to the operating conditions, for an extended period may reduce the reliability or useful lifetime of the product. Table 1. Absolute maximum ratings Parameter Symbol Min Max Unit Supply Voltage VAMRVDD -0.3 2.5 V Pin Voltage (non-supply pins) VAMRVIN VSS - 0.3 VDD + 0.3 V Sink or source current on any pin IAMRISS -100 100 mA Storage Temp TSTOR -50 +150 °C ESD conditions HBM ESDHBM 4000 V CDM ESDCDM 1000 V MM ESDMM 200 V |