データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75421 データシート(PDF) 21 Page - Sanyo Semicon Device

部品番号 LC75421
部品情報  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 データシート(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device LC75421 Datasheet HTML 18Page - Sanyo Semicon Device LC75421 Datasheet HTML 19Page - Sanyo Semicon Device LC75421 Datasheet HTML 20Page - Sanyo Semicon Device LC75421 Datasheet HTML 21Page - Sanyo Semicon Device LC75421 Datasheet HTML 22Page - Sanyo Semicon Device LC75421 Datasheet HTML 23Page - Sanyo Semicon Device LC75421 Datasheet HTML 24Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
No. 6866-21/24
LC75421M
Usage Cautions
(1) Upon power application, the internal analog switch status is undefined. Use an external countermeasure such as
muting until data is set.
(2) When performing initial data setting after applying power, send the initial data once, and then send the initial setting
data.
(3) To ensure that the digital frequency signal sent to the CL, DI, and CE pins do not spill over to the analog signal
block, either guard these signal lines with a ground pattern, or perform transmission using shielded wires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24