| データシートサーチシステム |
|
DSPIC30F2010 データシート(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 データシート(HTML) 79 Page - Microchip Technology |
|
79 / 202 page ![]() TABLE 13-1: QEI REGISTER MAP SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State QEICON 0122 CNTERR — QEISIDL INDX UPDN QEIM2 QEIM1 QEIM0 SWPAB — TQGATE TQCKPS1 TQCKPS0 POSRES TQCS UPDN_SRC 0000 0000 0000 0000 DFLTCON 0124 — — — — — IMV1 IMV0 CEID QEOUT QECK2 QECK1 QECK0 — — — — 0000 0000 0000 0000 POSCNT 0126 Position Counter<15:0> 0000 0000 0000 0000 MAXCNT 0128 Maximun Count<15:0> 1111 1111 1111 1111 Legend: — = unimplemented bit, read as ‘0’ Note: Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |