| データシートサーチシステム |
|
DOC200103 データシート(PDF) 20 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
DOC200103 データシート(HTML) 20 Page - Vectron International, Inc |
|
20 / 20 page ![]() SIZE CODE IDENT NO. UNSPECIFIED TOLERANCES DWG NO. REV. SHEET A 00136 N/A DOC200103 C 20 PASSIVE COMPONENTS ENHANCED ELEMENT EVALUATION Part Type Test Requirements Paragraph Sample Size Allowable Rejects Ceramic capacitors (Production lot definition shall be per M55681 or M123 for chips, or M49470 T-level for stacks) M55681 FRL S or M123 (chips) N/A N/A N/A N/A DSCC Dwg COTS (chips) Ultrasonic scan or CSAM M123 100% N/A Group A M123 M123 M123 Group B, Subgroups 1 & 2 M123 M123 M123 T-level M49470 (stacked) N/A N/A N/A N/A General purpose M49470, Ultrasonic scan or CSAM M49470 for T-level 100% N/A DSCC dwg or COTS Group A M49470 for T-level M49470 for T-level M49470 for T-level (stacked) Group B, Subgroups 2, 4 & 5b M49470 for T-level M49470 for T-level M49470 for T-level Tantalum Chip Capacitors (Note: Stacking tantalum chips will require a repeat of the entire Group A in M55365 with minimum Weibull C and surge current option C. Production lot definition shall be per M55365.) M55365 Group A (Weibull C minimum with surge current option C) M55365 M55365 M55365 DSCC Dwg, COTS Group A (Weibull C minimum with surge current option C) M55365 M55365 M55365 Group B M55365 M55365 M55365 Resistor Chips (Note: Gluing one resistor chip on top of another to change a design or save on real estate is not allowable without extensive design/process verification, long term testing, and hybrid re-qualification. Production lot definition shall be per M55342). M55342 FRL R or S N/A N/A N/A N/A DSCC Dwg, COTS Group A M55342 for T-level M55342 for T-level M55342 for T-level Group B M55342 for T-level M55342 for T-level M55342 for T-level Magnetics (transformers, inductors, coils) (Note: Stacking magnetics will require a repeat of the thermal cycling plus electrical measurements as specified in Group A of Mil-STD-981. Design, workmanship and materials/processes shall conform to Mil- STD-981 requirements. Custom Group A Mil-STD-981 Mil-STD-981 Mil-STD-981 Group B Mil-STD-981 Mil-STD-981 Mil-STD-981 |