| データシートサーチシステム |
|
PIC16F720 データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720 データシート(HTML) 30 Page - Microchip Technology |
|
30 / 244 page ![]() PIC16(L)F720/721 DS41430B-page 30 Preliminary 2011 Microchip Technology Inc. 3.4.2 WDT CONTROL The WDTE bit is located in the Configuration Word Register 1. When set, the WDT runs continuously. The PSA and PS<2:0> bits of the OPTION register control the WDT period. See Section 12.0 “Timer0 Module” for more information. FIGURE 3-1: WATCHDOG TIMER BLOCK DIAGRAM From TMR0 Postscaler 8 PS<2:0> PSA TO TMR0 1 1 0 0 Clock Source To T1G Divide by 512 WDTE TMR1GE T1GSS = 11 WDTE WDT Reset Low-Power WDT OSC TABLE 3-3: WDT STATUS Conditions WDT WDTE = 0 Cleared CLRWDT Command Exit Sleep + System Clock = INTOSC, EXTCLK |