| データシートサーチシステム |
|
PIC24FV32KA304 データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA304 データシート(HTML) 21 Page - Microchip Technology |
|
21 / 322 page ![]() CTED2 12 9 17 14 44 48 12 9 17 14 44 48 I ST CTMU Trigger Edge Inputs CTED3 — — 21 18 8 9 — — 21 18 8 9 I ST CTED4 5 2 5 2 22 24 5 2 5 2 22 24 I ST CTED5 6 3 6 3 23 25 6 3 6 3 23 25 I ST CTED6 15 12 23 20 10 11 15 12 23 20 10 11 I ST CTED7 — — 19 16 6 6 — — 19 16 6 6 I ST CTED8 13 10 18 15 1 1 13 10 18 15 1 1 I ST CTED9 17 14 25 22 14 15 17 14 25 22 14 15 I ST CTED10 18 15 26 23 15 16 18 15 26 23 15 16 I ST CTED11 — — — — 5 5 — — — — 5 5 I ST CTED12 — — — — 13 14 — — — — 13 14 I ST CTED13 — — 22 19 9 10 — — 22 19 9 10 I ST CTPLS 16 13 24 21 11 12 16 13 24 21 11 12 O — CTMU Pulse Output HLVDIN 15 12 23 20 10 11 15 12 23 20 10 11 I ST IC1 11 11 19 16 6 6 11 8 19 16 6 6 I ST High/Low-Voltage Detect Input IC2 13 10 18 15 5 5 13 10 18 15 5 5 I ST Input Capture 1 Input IC3 15 12 23 20 13 14 15 12 23 20 13 14 I ST Input Capture 2 Input INT0 11 8 16 13 43 47 11 8 16 13 43 47 I ST Input Capture 3 Input INT1 17 14 25 22 14 15 17 14 25 22 14 15 I ST Interrupt 0 Input INT2 14 11 20 17 7 7 15 12 23 20 10 11 I ST Interrupt 1 Input MCLR 1 18 1 26 18 19 1 18 1 26 18 19 I ST Interrupt 2 Input OC1 11 11 20 17 7 7 11 8 16 13 43 47 O — Output Compare/PWM1 Output OC2 4 1 22 19 4 4 4 1 22 19 4 4 O — Output Compare/PWM2 Output OC3 5 2 21,5 18,2 8,12,22 9,13,24 5 2 21,5 18,2 8,12,22 9,13,24 O — Output Compare/PWM3 Output OCFA 17 14 25 22 14 15 17 14 25 22 14 15 O — Output Compare Fault A OFCB 16 13 24 21 11,32 12,35 16 13 24 21 11,32 12,35 O — Output Compare Fault B OSCI 7 4 9 6 30 33 7 4 9 6 30 33 I ANA Main Oscillator Input OSCO 8 5 10 7 31 34 8 5 10 7 31 34 O ANA Main Oscillator Output PGEC1 5 2 5 2 22 24 5 2 5 2 22 24 I/O ST ICSP™ Clock 1 PCED1 4 1 4 1 21 23 4 1 4 1 21 23 I/O ST ICSP Data 1 PGEC2 2 19 22,2 19,27 9,19 10,21 2 19 22,2 19,27 9,19 10,21 I/O ST ICSP Clock 2 TABLE 1-3: PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function FFV I/O Buffer Description Pin Number Pin Number 20-Pin PDIP/SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/SSOP/ SOIC 28-Pin QFN 44-Pin QFN/TQFP 48-Pin UQFN 20-Pin PDIP/SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/ SSOP/ SOIC 28-Pin QFN 44-Pin QFN/TQFP 48-Pin UQFN |