| データシートサーチシステム |
|
HT83F02 データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F02 データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 64 page ![]() Block Diagram The following block diagram illustrates the main functional blocks. Pin Assignment HT83F02 Rev. 1.20 2 November 19, 2010 S t a c k D / A C o n v e r t e r s R A M D a t a M e m o r y I / O P o r t s 8 - b i t T i m e r F l a s h R O M P r o g r a m M e m o r y P W M I 2 C F u n c t i o n S P I F u n c t i o n W a t c h d o g T i m e r 8 - b i t R I S C M C U C o r e W a t c h d o g T i m e r O s c i l l a t o r R e s e t C i r c u i t I n t e r r u p t C o n t r o l l e r E R C / C r y s t a l O s c i l l a t o r L o w V o l t a g e D e t e c t i o n H I R C O s c i l l a t o r F l a s h I n - C i r c u i t P r o g r a m m i n g ( I C P ) H T 8 3 F 0 2 2 8 S S O P - A P A 1 P A 0 P B 0 / S D O B / S D A B P B 1 / S C K B / S C L B P B 2 / S D I B P B 4 / S D O A / S D A A P B 5 / S C K A / S C L A P B 6 / S D I A P B 7 / S C S A P C 1 / O S C 1 P C 2 / O S C 2 V S S A A U D V D D A P A 2 P A 3 P A 4 P A 5 P A 6 P A 7 V S S V D D V D D _ P B I O P C 0 / R E S V S S P P W M 2 P W M 1 V D D P 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 |