| データシートサーチシステム |
|
HT68F13 データシート(PDF) 60 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F13 データシート(HTML) 60 Page - Holtek Semiconductor Inc |
|
60 / 161 page ![]() HT68F13/HT68F14/HT68F15 Enhanced I/O Flash Type MCU Rev. 1.10 60 February 9, 2011 P B 6 O u t p u t F u n c t i o n 0 1 P B 6 1 0 O u t p u t C a p t u r e I n p u t P A 6 / T C K 1 T C K I n p u t 1 0 T M 1 ( S T M ) P B 6 / T P 1 _ 1 T 1 C P 1 T 1 C P 1 P A 7 O u t p u t F u n c t i o n 0 1 P A 7 1 0 1 0 P A 7 / T P 1 _ 0 T 1 C P 0 T 1 C P 0 HT68F13 TM Function Pin Control Block Diagram Note: 1. The I/O register data bits shown are used for TM output inversion control. 2. In the Capture Input Mode, the TM pin control register must never enable more than one TM input. |