データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZXRE060 データシート(PDF) 3 Page - Diodes Incorporated

部品番号 ZXRE060
部品情報  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060 データシート(HTML) 3 Page - Diodes Incorporated

  ZXRE060 Datasheet HTML 1Page - Diodes Incorporated ZXRE060 Datasheet HTML 2Page - Diodes Incorporated ZXRE060 Datasheet HTML 3Page - Diodes Incorporated ZXRE060 Datasheet HTML 4Page - Diodes Incorporated ZXRE060 Datasheet HTML 5Page - Diodes Incorporated ZXRE060 Datasheet HTML 6Page - Diodes Incorporated ZXRE060 Datasheet HTML 7Page - Diodes Incorporated ZXRE060 Datasheet HTML 8Page - Diodes Incorporated ZXRE060 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXRE060
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060
Document number: DS33611 Rev. 6 - 2
3 of 12
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Unit
VIN
IN Voltage relative to GND
20
V
VOUT
OUT Voltage relative to GND
20
V
VFB
FB Voltage relative to GND
20
V
PGND
PGND Voltage relative to GND
-0.3 to +0.3
V
IOUT
OUT Pin Current
20
mA
TJ
Operating Junction Temperture
-40 to 150
°C
TST
Storage Temperature
55 to 150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Operation at the absolute maximum rating for extended periods may reduce device reliability.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events.
Suitable ESD precautions should be taken when handling and transporting these devices.
Package Thermal Data
Package
θJA
PDIS
TA = 25°C, TJ = 150°C
SC70-5/SOT353
400°C/W
310mW
TSOT23-5
250°C/W
500mW
DFN1520H4-6
TBD
TBD
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
IN Voltage Range (0 to 125°C)
2
18
V
VIN
IN Voltage Range (-40 to 0°C)
2.2
18
VOUT
OUT Voltage Range
0.2
18
IOUT
OUT Pin Current
0.3
15
mA
TA
Operating Ambient Temperature
Range
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com