データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP14E6 データシート(PDF) 5 Page - Microchip Technology

部品番号 MCP14E6
部品情報  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6 データシート(HTML) 5 Page - Microchip Technology

  MCP14E6 Datasheet HTML 1Page - Microchip Technology MCP14E6 Datasheet HTML 2Page - Microchip Technology MCP14E6 Datasheet HTML 3Page - Microchip Technology MCP14E6 Datasheet HTML 4Page - Microchip Technology MCP14E6 Datasheet HTML 5Page - Microchip Technology MCP14E6 Datasheet HTML 6Page - Microchip Technology MCP14E6 Datasheet HTML 7Page - Microchip Technology MCP14E6 Datasheet HTML 8Page - Microchip Technology MCP14E6 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2011 Microchip Technology Inc.
DS25006A-page 5
MCP14E6/7/8
Enable Function (ENB_A, ENB_B)
High-Level Input Voltage
VEN_H
2.4
V
VDD = 12V, Low-to-High Transition
Low-Level Input Voltage
VEN_L
——
0.8
V
VDD = 12V, High-to-Low Transition
Hysteresis
VHYST
—0.4
V
Enable Pull-up Impedance
RENBL
0.7
1.6
3.0
M
Ω
VDD =14V,
ENB_A = ENB_B = GND
Propagation Delay Time
tD3
—60
80
ns
VDD =12V, Figure 4-3
Propagation Delay Time
tD4
—70
85
ns
VDD =12V, Figure 4-3
Power Supply
Supply Voltage
VDD
4.5
18.0
V
Supply Current
IDD
1400
2200
µA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
—800
1100
µA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
1300
2000
µA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
1300
2000
µA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
800
1200
µA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = Low
IDD
500
600
µA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
600
900
µA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
600
900
µA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = Low
TEMPERATURE CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, all parameters apply with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-6x5 DFN
θJA
35.7
°C/W
Typical four-layer board with
vias to ground plane
Thermal Resistance, 8L-PDIP
θJA
—89.3
°C/W
Thermal Resistance, 8L-SOIC
θJA
—149.5
°C/W
DC CHARACTERISTICS (OVER OPERATING TEMP. RANGE)(2) (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, operating temperature range with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Switching times are ensured by design.
2:
Tested during characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com