データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK22C48 データシート(PDF) 9 Page - Cypress Semiconductor

部品番号 STK22C48
部品情報  16-Kbit (2 K 횞 8) AutoStore??nvSRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48 データシート(HTML) 9 Page - Cypress Semiconductor

Back Button STK22C48 Datasheet HTML 5Page - Cypress Semiconductor STK22C48 Datasheet HTML 6Page - Cypress Semiconductor STK22C48 Datasheet HTML 7Page - Cypress Semiconductor STK22C48 Datasheet HTML 8Page - Cypress Semiconductor STK22C48 Datasheet HTML 9Page - Cypress Semiconductor STK22C48 Datasheet HTML 10Page - Cypress Semiconductor STK22C48 Datasheet HTML 11Page - Cypress Semiconductor STK22C48 Datasheet HTML 12Page - Cypress Semiconductor STK22C48 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STK22C48
Document Number: 001-51000 Rev. *D
Page 9 of 17
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip enable access time
25
45
ns
tRC [6]
tAVAV, tELEH
Read cycle time
25
45
ns
tAA [7]
tAVQV
Address access time
25
45
ns
tDOE
tGLQV
Output enable to data valid
10
20
ns
tOHA [7]
tAXQX
Output hold after address change
5
5
ns
tLZCE [8]
tELQX
Chip enable to output active
5
5
ns
tHZCE [8]
tEHQZ
Chip disable to output inactive
10
15
ns
tLZOE [8]
tGLQX
Output enable to output active
0
0
ns
tHZOE [8]
tGHQZ
Output disable to output inactive
10
15
ns
tPU [9]
tELICCH
Chip enable to power active
0
0
ns
tPD [9]
tEHICCL
Chip disable to power standby
25
45
ns
Switching Waveforms
Figure 7. SRAM Read Cycle 1: Address Controlled [6, 7]
Figure 8. SRAM Read Cycle 2: CE and OE Controlled [6]
Notes
6. WE and HSB must be High during SRAM Read cycles.
7. Device is continuously selected with CE and OE both Low.
8. Measured ±200 mV from steady state output voltage.
9. These parameters are guaranteed by design and are not tested.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com