| データシートサーチシステム |
|
MPC8309EC データシート(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8309EC データシート(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 82 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0 62 Freescale Semiconductor Package and Pin Listings PCI_REQ_B0 / BOOT_ROM_XFR_WAIT P21 IO OVDD - PCI_REQ_B1/CPCI_HS_ES/BOOT_ROM_XFR_ ERR P22 IO OVDD - PCI_REQ_B2 T22 IO OVDD - PCI_GNT_B0 T21 IO OVDD - PCI_GNT_B1/CPCI_HS_LED/ U22 O OVDD - PCI_GNT_B2/CPCI_HS_ENUM/ U21 IO OVDD - M66EN V21 I OVDD - PCI_CLK0 T19 O OVDD - PCI_CLK1 U19 O OVDD - PCI_CLK2 R19 O OVDD - Ethernet Management FEC_MDC W18 O OVDD - FEC_MDIO W17 IO OVDD - FEC/GTM/GPIO FEC1_COL/GTM1_TIN1/GPIO_16/ Y18 IO OVDD - FEC1_CRS/GTM1_TGATE1_B/GPIO_17/ AA19 IO OVDD - FEC1_RX_CLK[CLK9]/GPIO_18/ W16 IO OVDD - FEC1_RX_DV/GTM1_TIN2/GPIO_19/PLLCZ_C ORE_CLKIN AC22 IO OVDD - FEC1_RX_ER/GTM1_TGATE2_B/GPIO_20/JTA G_BISE AA18 IO OVDD - FEC1_RXD0/GPIO_21/JTAG_PRPGPS AB20 IO OVDD - FEC1_RXD1/GTM1_TIN3/GPIO_22/JTAG_BISR _TDO_EN Y17 IO OVDD - FEC1_RXD2/GTM1_TGATE3_B/GPIO_23/TPR_ SYS_AAD[0] AB19 IO OVDD - FEC1_RXD3/GPIO_24/TPR_SYS_AAD[1] AC21 IO OVDD - FEC1_TX_CLK[CLK10]/GTM1_TIN4/GPIO_25/T PR_SYS_AAD[2] W15 IO OVDD - FEC1_TX_EN/GTM1_TGATE4_B/GPIO_26/TPR _SYS_AAD[3] AC19 IO OVDD - FEC1_TX_ER/GTM1_TOUT4_B/GPIO_27/TPR_ SYS_AAD[4] AC20 IO OVDD - FEC1_TXD0/GTM1_TOUT1_B/GPIO_28/TPR_S YS_AAD[5] AA17 IO OVDD - FEC1_TXD1/GTM1_TOUT2_B/GPIO_29/TPR_S YS_AAD[6] AC18 IO OVDD - FEC1_TXD2/GTM1_TOUT3_B/GPIO_30/TPR_S YS_AAD[7] AA16 IO OVDD - |