| データシートサーチシステム |
|
70592C データシート(PDF) 303 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70592C データシート(HTML) 303 Page - Microchip Technology |
|
303 / 314 page ![]() © 2011 Microchip Technology Inc. DS70592C-page 303 PIC24HJXXXGPX06A/X08A/X10A APPENDIX A: MIGRATING FROM PIC24HJXXXGPX06/ X08/X10 DEVICES TO PIC24HJXXXGPX06A/ X08A/X10A DEVICES PIC24HJXXXGPX06A/X08A/X10A devices were designed to enhance the PIC24HJXXXGPX06/X08/ X10 families of devices. In general, the PIC24HJXXXGPX06A/X08A/X10A devices are backward-compatible with PIC24HJXXXGPX06/X08/X10 devices; however, man- ufacturing differences may cause PIC24HJXXXGPX06A/X08A/X10A devices to behave differently from PIC24HJXXXGPX06/X08/X10 devices. Therefore, complete system test and characterization is recommended if PIC24HJXXXGPX06A/X08A/X10A devices are used to replace PIC24HJXXXGPX06/X08/ X10 devices. The following enhancements were introduced: • Extended temperature support of up to +125ºC • Enhanced Flash module with higher endurance and retention • New PLL Lock Enable configuration bit • Added Timer5 trigger for ADC1 and Timer3 trigger for ADC2 |