データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

70592C データシート(PDF) 8 Page - Microchip Technology

部品番号 70592C
部品情報  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C データシート(HTML) 8 Page - Microchip Technology

Back Button 70592C Datasheet HTML 4Page - Microchip Technology 70592C Datasheet HTML 5Page - Microchip Technology 70592C Datasheet HTML 6Page - Microchip Technology 70592C Datasheet HTML 7Page - Microchip Technology 70592C Datasheet HTML 8Page - Microchip Technology 70592C Datasheet HTML 9Page - Microchip Technology 70592C Datasheet HTML 10Page - Microchip Technology 70592C Datasheet HTML 11Page - Microchip Technology 70592C Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 314 page
background image
PIC24HJXXXGPX06A/X08A/X10A
DS70592C-page 8
© 2011 Microchip Technology Inc.
Pin Diagrams (Continued)
64-Pin QFN(1)
PGEC2/SOSCO/T1CK/CN0/RC14
PGED2/SOSCI/T4CK/CN1/RC13
OC1/RD0
IC4/INT4/RD11
IC2/U1CTS/INT2/RD9
IC1/INT1/RD8
VSS
OSC2/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
U1RTS/SCK1/INT0/RF6
U1RX/SDI1/RF2
U1TX/SDO1/RF3
RG15
AN16/T2CK/T7CK/RC1
AN17/T3CK/T6CK/RC2
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
MCLR
VSS
VDD
AN3/CN5/RB3
AN2/SS1/CN4/RB2
PGEC3/AN1/VREF-/CN3/RB1
PGED3/AN0/VREF+/CN2/RB0
SDA1/RG3
SS2/CN11/RG9
AN5/IC8/CN7/RB5
AN4/IC7/CN6/RB4
IC3/INT3/RD10
PIC24HJ64GP506A
PIC24HJ128GP506A
= Pins are up to 5V tolerant
Note 1:
The metal plane at the bottom of the device is not connected to any pins and should be connected to VSS externally.
2:
Refer to Section 2.3 “CPU Logic Filter Capacitor Connection (Vcap)” for proper connection to this pin.
64 63 62 61 60 59 58 57 56 55
22 23 24 25 26 27 28 29 30 31
3
40
39
38
37
36
35
34
33
4
5
7
8
9
10
11
1
2
42
41
6
32
43
54
14
15
16
12
13
17 18 19 20 21
45
44
47
46
48
53 52 51 50 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More