| データシートサーチシステム |
|
70592C データシート(PDF) 140 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70592C データシート(HTML) 140 Page - Microchip Technology |
|
140 / 314 page ![]() PIC24HJXXXGPX06A/X08A/X10A DS70592C-page 140 © 2011 Microchip Technology Inc. bit 1 C1MD: ECAN1 Module Disable bit 1 = ECAN1 module is disabled 0 = ECAN1 module is enabled bit 0 AD1MD: ADC1 Module Disable bit(1) 1 = ADC1 module is disabled 0 = ADC1 module is enabled REGISTER 10-1: PMD1: PERIPHERAL MODULE DISABLE CONTROL REGISTER 1 (CONTINUED) Note 1: PCFGx bits have no effect if ADC module is disabled by setting this bit. In this case all port pins multiplexed with ANx will be in Digital mode. |