| データシートサーチシステム |
|
70592C データシート(PDF) 185 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70592C データシート(HTML) 185 Page - Microchip Technology |
|
185 / 314 page ![]() © 2011 Microchip Technology Inc. DS70592C-page 185 PIC24HJXXXGPX06A/X08A/X10A REGISTER 19-2: CiCTRL2: ECAN™ MODULE CONTROL REGISTER 2 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 R-0 R-0 R-0 R-0 R-0 — — — DNCNT<4:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-5 Unimplemented: Read as ‘0’ bit 4-0 DNCNT<4:0>: DeviceNet™ Filter Bit Number bits 10010-11111 = Invalid selection 10001 = Compare up to data byte 3, bit 6 with EID<17> • • • 00001 = Compare up to data byte 1, bit 7 with EID<0> 00000 = Do not compare data bytes |