データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC3003GFL データシート(PDF) 18 Page - Micrel Semiconductor

部品番号 MIC3003GFL
部品情報  FOM Management IC with Internal Calibration
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GFL データシート(HTML) 18 Page - Micrel Semiconductor

Back Button MIC3003GFL Datasheet HTML 14Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 15Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 16Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 17Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 18Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 19Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 20Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 21Page - Micrel Semiconductor MIC3003GFL Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Micrel, Inc.
MIC3003GFL
July 2010
18
M9999-072910-A
hbwhelp@micrel.com or (408) 955-1690
Block Diagram
Figure 1. MIC3003 Block Diagram
Analog-to-Digital Converter/Signal
Monitoring
A block diagram of the monitoring circuit is shown below.
Each of the five analog parameters monitored by the
MIC3003 is sampled in sequence. All five parameters are
sampled and the results updated within the tCONV duration
given in the “Electrical Characteristics” section. In OEM
mode, the channel that is normally used to measure VIN
may be assigned to measure the level of the VDDA pin or
one of five other nodes. This provides a kind of analog
loopback for debug and test purposes. The VAUX bits in
OEMCFG0 control which voltage source is being
sampled. The various VAUX channels are level-shifted
differently depending on the signal source, resulting in
different LSB values and signal ranges. See Table 5.
Figure 2. Analog-to-Digital Converter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74