データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S2S5RY0F データシート(PDF) 11 Page - Sharp Corporation

部品番号 S2S5RY0F
部品情報  Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S5RY0F データシート(HTML) 11 Page - Sharp Corporation

Back Button S2S5RY0F Datasheet HTML 6Page - Sharp Corporation S2S5RY0F Datasheet HTML 7Page - Sharp Corporation S2S5RY0F Datasheet HTML 8Page - Sharp Corporation S2S5RY0F Datasheet HTML 9Page - Sharp Corporation S2S5RY0F Datasheet HTML 10Page - Sharp Corporation S2S5RY0F Datasheet HTML 11Page - Sharp Corporation S2S5RY0F Datasheet HTML 12Page - Sharp Corporation S2S5RY0F Datasheet HTML 13Page - Sharp Corporation S2S5RY0F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Solvent cleaning :
Solvent temperature should be 45˚C or below. Immersion time should be 3minutes or less.
Ultrasonic cleaning :
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
In case the other type of solvent materials are intended to be used, please make sure they work fine in
actual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC
11
S2S5 Series
Sheet No.: D2-A06701EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14