| データシートサーチシステム |
|
2SC2712L-X-AL3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SC2712L-X-AL3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SC2712 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R206-029.E AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR FEATURES * High Voltage and High Current: VCEO=50V, IC=150mA (Max.) * Excellent hFE Linearity: hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.) * High hFE * Low Noise Lead-free: 2SC2712L Halogen-free:2SC2712G ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing 2SC2712-x-AE3-R 2SC2712L-x-AE3-R 2SC2712G-x-AE3-R SOT-23 E B C Tape Reel 2SC2712-x-AL3-R 2SC2712L-x-AL3-R 2SC2712G-x-AL3-R SOT-323 E B C Tape Reel MARKING 2SC2712-Y 2SC2712-G 2SC2712-L LY L: Lead Free G: Halogen Free LG L: Lead Free G: Halogen Free LL L: Lead Free G: Halogen Free |
同様の部品番号 - 2SC2712L-X-AL3-R |
|
同様の説明 - 2SC2712L-X-AL3-R |