データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMM0015-BD データシート(PDF) 4 Page - Mimix Broadband

部品番号 CMM0015-BD
部品情報  Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MIMIX [Mimix Broadband]
ホームページ  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0015-BD データシート(HTML) 4 Page - Mimix Broadband

  CMM0015-BD_09 Datasheet HTML 1Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 2Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 3Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 4Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 5Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 6Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 7Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 8Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4 of 10
2.0-22.0 GHz GaAs MMIC
Power Amplifier
CMM0015-BD
Power Amplifier Measurements (Test Fixture) (cont.)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 22-Sep-09
CMM0015-BD Vd=See Legend, Id=236 mA
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
Frequency (GHz)
Vd=8.0 V
Vd=9.0 V
Vd=10.0 V
Vd=11.0 V
Vd=12.0 V
CMM0015-BD Vd=See Legend, Id=385 mA
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
Frequency (GHz)
Vd=8.0 V
Vd=9.0 V
Vd=10.0 V
Vd=11.0 V
Vd=12.0 V
CMM0015-BD Vd=See Legend, Id=236 mA
21
22
23
24
25
26
27
28
29
30
31
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Frequency (GHz)
Vd=8.0 V
Vd=9.0 V
Vd=10.0 V
Vd=11.0 V
Vd=12.0 V
CMM0015-BD Vd=See Legend, Id=385 mA
21
22
23
24
25
26
27
28
29
30
31
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Frequency (GHz)
Vd=8.0 V
Vd=9.0 V
Vd=10.0 V
Vd=11.0 V
Vd=12.0 V
CMM0015-BD Vd=See Legend, Id=236 mA
28
30
32
34
36
38
40
42
44
46
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Frequency (GHz)
Vd=8.0 V
Vd=9.0 V
Vd=10.0 V
Vd=11.0 V
Vd=12.0 V
CMM0015-BD Vd=See Legend, Id=385 mA
28
30
32
34
36
38
40
42
44
46
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Frequency (GHz)
Vd=8.0 V
Vd=9.0 V
Vd=10.0 V
Vd=11.0 V
Vd=12.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com