| データシートサーチシステム |
|
M24LR64-R データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 128 page ![]() RF device operation M24LR64-R 38/128 Doc ID 15170 Rev 10 7.1 Commands The M24LR64-R supports the following commands: ● Inventory, used to perform the anticollision sequence. ● Stay Quiet, used to put the M24LR64-R in quiet mode, where it does not respond to any inventory command. ● Select, used to select the M24LR64-R. After this command, the M24LR64-R processes all Read/Write commands with Select_flag set. ● Reset To Ready, used to put the M24LR64-R in the ready state. ● Read Block, used to output the 32 bits of the selected block and its locking status. ● Write Block, used to write the 32-bit value in the selected block, provided that it is not locked. ● Read Multiple Blocks, used to read the selected blocks and send back their value. ● Write AFI, used to write the 8-bit value in the AFI register. ● Lock AFI, used to lock the AFI register. ● Write DSFID, used to write the 8-bit value in the DSFID register. ● Lock DSFID, used to lock the DSFID register. ● Get System Info, used to provide the system information value ● Get Multiple Block Security Status, used to send the security status of the selected block. ● Initiate, used to trigger the tag response to the Inventory Initiated sequence. ● Inventory Initiated, used to perform the anticollision sequence triggered by the Initiate command. ● Write-sector Password, used to write the 32 bits of the selected password. ● Lock-sector Password, used to write the Sector security status bits of the selected sector. ● Present-sector Password, enables the user to present a password to unprotect the user blocks linked to this password. ● Fast Initiate, used to trigger the tag response to the Inventory Initiated sequence. ● Fast Inventory Initiated, used to perform the anticollision sequence triggered by the Initiate command. ● Fast Read Single Block, used to output the 32 bits of the selected block and its locking status. ● Fast Read Multiple Blocks, used to read the selected blocks and send back their value. |