| データシートサーチシステム |
|
R5F2136CMDFP データシート(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CMDFP データシート(HTML) 29 Page - Renesas Technology Corp |
|
29 / 61 page ![]() R8C/36M Group 4. Special Function Registers (SFRs) Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0086EJ0010 Rev.0.10 Page 29 of 58 Mar 09, 2011 Table 4.12 SFR Information (12) (1) X: Undefined Note: 1. The blank areas are reserved and cannot be accessed by users. Table 4.13 ID Code Areas and Option Function Select Area Notes: 1. The option function select area is allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not write additions to the option function select area. If the block including the option function select area is erased, the option function select area is set to FFh. When blank products are shipped, the option function select area is set to FFh. It is set to the written value after written by the user. When factory-programming products are shipped, the value of the option function select area is the value programmed by the user. 2. The ID code areas are allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not write additions to the ID code areas. If the block including the ID code areas is erased, the ID code areas are set to FFh. When blank products are shipped, the ID code areas are set to FFh. They are set to the written value after written by the user. When factory-programming products are shipped, the value of the ID code areas is the value programmed by the user. Address Register Symbol After Reset 2CF0h DTC Control Data 22 DTCD22 XXh 2CF1h XXh 2CF2h XXh 2CF3h XXh 2CF4h XXh 2CF5h XXh 2CF6h XXh 2CF7h XXh 2CF8h DTC Control Data 23 DTCD23 XXh 2CF9h XXh 2CFAh XXh 2CFBh XXh 2CFCh XXh 2CFDh XXh 2CFEh XXh 2CFFh XXh 2D00h : 2FFFh Address Area Name Symbol After Reset : FFDBh Option Function Select Register 2 OFS2 (Note 1) : FFDFh ID1 (Note 2) : FFE3h ID2 (Note 2) : FFEBh ID3 (Note 2) : FFEFh ID4 (Note 2) : FFF3h ID5 (Note 2) : FFF7h ID6 (Note 2) : FFFBh ID7 (Note 2) : FFFFh Option Function Select Register OFS (Note 1) |