データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1SS355 データシート(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

部品番号 1SS355
部品情報  FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
ホームページ  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

1SS355 データシート(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  1SS355 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 1SS355 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS355
FAST SWITCHING DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: A
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
80
225
100
500
125
-55 to +125
90
Small surface mounting type.(UMD2)
High speed.(tn=1.2ns typ.)
High reliability with high surge current handing
capability.
Maximum ratings and electrical characteristics, Single diode @TA=25C
SYMBOLS
UNITS
DC blocking voltage
Peak forward current
Average rectified output current
Surge current (1s)
Junction temperature
Storage temperature
Non-repetitive peak reverse voltage
Tj
TSTG
LIMITS
Io
Electrical ratings @TA=25C
SYMBOLS
Conditions
VF
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
V
IF=100mA
VR=80V
VR=0.5,f=1.0MHz
IF=10mA,VR=6V,RL=100
ISurge
1.2
0.1
3
4
VRM
V
mA
mA
mA
C
C
V
uA
VR
IR
CT
pF
IFM
trr
ns
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
Dimensions in millimeters and (inches)
www.ps-pfs.com


同様の部品番号 - 1SS355

メーカー部品番号データシート部品情報
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

同様の説明 - 1SS355

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
113Kb / 4P
Fast Switching Diodes
16-Feb-07
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
Fast Switching Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
FAST SWITCHING DIODES
logo
Olitech Electronics Co....
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
FAST SWITCHING DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com