データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPT5502 データシート(PDF) 1 Page - Solid States Devices, Inc

部品番号 SPT5502
部品情報  HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT5502 データシート(HTML) 1 Page - Solid States Devices, Inc

  SPT5502_1 Datasheet HTML 1Page - Solid States Devices, Inc SPT5502_1 Datasheet HTML 2Page - Solid States Devices, Inc SPT5502_1 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0026C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPT5502 __
__
SPT5503 __
__
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
Package
__ = TO-5
SPT5502 and SPT5503
1 AMP
HIGH VOLTAGE / HIGH SPEED
NPN TRANSISTOR
700 - 800 VOLTS
6 WATTS
Features:
• BVCBO to 800 Volts
• Fast Switching: tD = 100 nsec max
• Good Safe Operating Area
• Linear Gain from 50mA to 1.0A
TX, TXV, S-Level Screening Available2/ - Consult Factory
Maximum Ratings3/
Symbol
Value
Units
Collector – Emitter Voltage
SPT5502
SPT5503
VCER
700
800
V
Collector – Emitter Voltage
SPT5502
SPT5503
VCEO
350
400
V
Collector – Base Voltage
SPT5502
SPT5503
VCBO
700
800
V
Emitter – Base Voltage
VEBO
10
V
Collector Current
IC
1.0
A
Base Current
IB
0.5
A
Total Device Dissipation
Derate above TC = 25ºC
TC = 25ºC
PD
6.0
34.3
W
mW/ºC
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Thermal Resistance
RθJC
29
ºC/W
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, Operating Curves, and Availability Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
TO-5


同様の部品番号 - SPT5502_1

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SPT5502 SSDI-SPT5502 Datasheet
37Kb / 2P
1 AMP HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
More results

同様の説明 - SPT5502_1

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2348 NTE-NTE2348 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
logo
Continental Device Indi...
BUF508A CDIL-BUF508A Datasheet
116Kb / 3P
NPN HIGH VOLTAGE HIGH SPEED SILICON POWER TRANSISTOR
logo
Solid States Devices, I...
SPT6502 SSDI-SPT6502 Datasheet
198Kb / 2P
HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
TR0026C SSDI-TR0026C Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com