| データシートサーチシステム |
|
IMX28AEC データシート(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX28AEC データシート(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 72 page ![]() i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1 Freescale Semiconductor 65 BATTERY A15 GPMI_RDY2 M8 USB1DP A8 DCDC_BATT B15 GPMI_RDY3 L8 VDD1P5 D16 DCDC_GND A17 GPMI_RESETN L9 VDD4P2 A13 DCDC_LN1 B17 GPMI_WRN P8 VDD5V E17 DCDC_LP A16 HSADC0 B14 VDDA1 C13 DCDC_VDDA B16 I2C0_SCL C7 VDDD K12 DCDC_VDDD D17 I2C0_SDA D8 VDDD G12 DCDC_VDDIO C17 JTAG_RTCK E14 VDDD G11 DEBUG B9 JTAG_TCK E11 VDDD G10 EMI_A00 U15 JTAG_TDI E12 VDDD F12 EMI_A01 U12 JTAG_TDO E13 VDDD F11 EMI_A02 U14 JTAG_TMS D12 VDDD F10 EMI_A03 T11 JTAG_TRST D14 VDDIO_EMI R13 EMI_A04 U10 LCD_CS P5 VDDIO_EMI P11 EMI_A05 R11 LCD_D00 K2 VDDIO_EMI N15 EMI_A06 R9 LCD_D01 K3 VDDIO_EMI N13 EMI_A07 N11 LCD_D02 L2 VDDIO_EMI M12 EMI_A08 U9 LCD_D03 L3 VDDIO_EMI M11 EMI_A09 P10 LCD_D04 M2 VDDIO_EMI M10 EMI_A10 U13 LCD_D05 M3 VDDIO_EMI L13 EMI_A11 T10 LCD_D06 N2 VDDIO_EMI G17 EMI_A12 U11 LCD_D07 P1 VDDIO_EMI G15 EMI_A13 T9 LCD_D08 P2 VDDIO_EMI G13 EMI_A14 N10 LCD_D09 P3 VDDIO_EMIQ R15 EMI_BA0 T16 LCD_D10 R1 VDDIO_EMIQ K15 EMI_BA1 T12 LCD_D11 R2 VDDIO_EMIQ J13 EMI_BA2 N12 LCD_D12 T1 VDDIO18 G9 EMI_CASN U16 LCD_D13 T2 VDDIO18 G8 EMI_CE0N P12 LCD_D14 U2 VDDIO18 F9 EMI_CE1N P9 LCD_D15 U3 VDDIO18 F8 EMI_CKE T13 LCD_D16 T3 VDDIO33 N3 EMI_CLK L17 LCD_D17 R3 VDDIO33 J9 Table 67. i.MX285 MAPBGA Contact Assignments (continued) Signal Name Contact Assignment Signal Name Contact Assignment Signal Name Contact Assignment |