| データシートサーチシステム |
|
IMX28CEC データシート(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX28CEC データシート(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 70 page ![]() i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1 62 Freescale Semiconductor 4.3 Signal Contact Assignments Table 66 lists the i.MX287 MAPBGA package signal contact assignments. VDDIO_EMIQ K15,J13,R15 VDDXTAL C12 VSS E15,L11,A1,K10,K11,J11,M14,H11,U1,H9,H12,H3,K9,C16,L10,H16,J12,H10,B7,E5,J15,A9,N4 VSSA1 B13 VSSA2 B11 VSSIO_EMI F16,R10,H14,M16,F14,L12,P16,U17,T14,P14,R12 Table 66. MAPBGA Contact Assignments Signal Name Contact Assignment Signal Name Contact Assignment Signal Name Contact Assignment AUART0_CTS J6 EMI_DQS1N J16 LCD_D17 R3 AUART0_RTS J7 EMI_ODT0 R17 LCD_D18 U4 AUART0_RX G5 EMI_ODT1 T17 LCD_D19 T4 AUART0_TX H5 EMI_RASN R16 LCD_D20 R4 AUART1_CTS K5 EMI_VREF0 R14 LCD_D21 U5 AUART1_RTS J5 EMI_VREF1 K13 LCD_D22 T5 AUART1_RX L4 EMI_WEN T15 LCD_D23 R5 AUART1_TX K4 ENET0_COL J4 LCD_DOTCLK N1 AUART2_CTS H6 ENET0_CRS J3 LCD_ENABLE N5 AUART2_RTS H7 ENET0_MDC G4 LCD_HSYNC M1 AUART2_RX F6 ENET0_MDIO H4 LCD_RD_E P4 AUART2_TX F5 ENET0_RXD0 H1 LCD_RESET M6 AUART3_CTS L6 ENET0_RXD1 H2 LCD_RS M4 AUART3_RTS K6 ENET0_RXD2 J1 LCD_VSYNC L1 AUART3_RX M5 ENET0_RXD3 J2 LCD_WR_RWN K1 AUART3_TX L5 ENET0_RX_CLK F3 LRADC0 C15 BATTERY A15 ENET0_RX_EN E4 LRADC1 C9 DCDC_BATT B15 ENET0_TXD0 F1 LRADC2 C8 DCDC_GND A17 ENET0_TXD1 F2 LRADC3 D9 DCDC_LN1 B17 ENET0_TXD2 G1 LRADC4 D13 DCDC_LP A16 ENET0_TXD3 G2 LRADC5 D15 Table 65. MAPBGA Power and Ground Contact Assignments (continued) Contact Name Contact Assignment |