| データシートサーチシステム |
|
MMA7331LCT データシート(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA7331LCT データシート(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 11 page ![]() Sensors 2 Freescale Semiconductor MMA7331LC Figure 2. Simplified Accelerometer Functional Block Diagram ELECTRO STATIC DISCHARGE (ESD) WARNING: This device is sensitive to electrostatic discharge. Although the Freescale accelerometer contains internal 2000 V ESD protection circuitry, extra precaution must be taken by the user to protect the chip from ESD. A charge of over 2000 volts can accumulate on the human body or associated test equipment. A charge of this magnitude can alter the performance or cause failure of the chip. When handling the accelerometer, proper ESD precautions should be followed to avoid exposing the device to discharges which may be detrimental to its performance. Table 1. Maximum Ratings (Maximum ratings are the limits to which the device can be exposed without causing permanent damage.) Rating Symbol Value Unit Maximum Acceleration (all axis) gmax ±5000 g Supply Voltage VDD –0.3 to +3.6 V Drop Test(1) 1. Dropped onto concrete surface from any axis. Ddrop 1.8 m Storage Temperature Range Tstg –40 to +125 °C Sleep Self Test C to V CONVERTER X OUT Y OUT Z OUT OSCILLATOR CLOCK GEN g-Select X-TEMP COMP G-CELL SENSOR GAIN + FILTER CONTROL LOGIC NVM TRIM CIRCUITS Y-TEMP COMP Z-TEMP COMP V DD V SS SELFTEST Sleep Self Test C to V CONVERTER X OUT Y OUT Z OUT OSCILLATOR CLOCK GEN g-Select X-TEMP COMP G-CELL SENSOR GAIN + FILTER CONTROL LOGIC NVM TRIM CIRCUITS Y-TEMP COMP Z-TEMP COMP V DD V SS SELFTEST |