データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5645B データシート(PDF) 17 Page - Freescale Semiconductor, Inc

部品番号 MPC5645B
部品情報  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B データシート(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
17
PB[7]
PCR[23]
AF0
AF1
AF2
AF3
—
—
GPI[23]
—
—
—
ADC0_P[3]
ADC1_P[3]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
I
Tristate
93
109
R16
PB[8]
PCR[24]
AF0
AF1
AF2
AF3
—
—
—
—
GPI[24]
—
—
—
ADC0_S[0]
ADC1_S[4]
WKPU[25]
OSC32k_XTAL4
SIUL
—
—
—
ADC_0
ADC_1
WKPU
SXOSC
I
—
—
—
I
I
I
I
I
—
61
77
T11
PB[9]5
PCR[25]
AF0
AF1
AF2
AF3
—
—
—
—
GPI[25]
—
—
—
ADC0_S[1]
ADC1_S[5]
WKPU[26]
OSC32k_EXTAL4
SIUL
—
—
—
ADC_0
ADC_1
WKPU
SXOSC
I
—
—
—
I
I
I
I
I
—
60
76
T10
PB[10]
PCR[26]
AF0
AF1
AF2
AF3
—
—
—
GPIO[26]
SOUT_1
CAN3TX
—
ADC0_S[2]
ADC1_S[6]
WKPU[8]
SIUL
DSPI_1
FlexCAN_3
—
ADC_0
ADC_1
WKPU
I/O
O
—
—
I
I
I
S
Tristate
62
78
N7
PB[11]
PCR[27]
AF0
AF1
AF2
AF3
—
GPIO[27]
E0UC[3]
—
CS0_0
ADC0_S[3]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
I/O
I
S
Tristate
97
117
M13
PB[12]
PCR[28]
AF0
AF1
AF2
AF3
—
GPIO[28]
E0UC[4]
—
CS1_0
ADC0_X[0]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
S
Tristate
101
123
L14
PB[13]
PCR[29]
AF0
AF1
AF2
AF3
—
GPIO[29]
E0UC[5]
—
CS2_0
ADC0_X[1]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
S
Tristate
103
125
L15
Table 4. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number